Part Number Hot Search : 
KBPC2501 LTC1415C NTR4502P 74AC10SC MCZ3397 25RFL39 TT2218LS APX9131A
Product Description
Full Text Search
 

To Download NCP302LSN20T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 january, 2005 ? rev. 14.5 1 publication order number: ncp302/d ncp302, ncp303 voltage detector series with programmable delay the ncp302 and ncp303 series are second generation ultra?low current voltage detectors that contain a programmable time delay generator. these devices are specifically designed for use as reset controllers in portable microprocessor based systems where extended battery life is paramount. each series features a highly accurate undervoltage detector with hysteresis and an externally programmable time delay generator. this combination of features prevents erratic system reset operation. the ncp302 series consists of complementary output devices that are available with either an active high or active low reset. the ncp303 series has an open drain n?channel output with an active low reset output. features ? quiescent current of 0.5  a typical ? high accuracy undervoltage threshold of 2.0% ? externally programmable time delay generator ? wide operating voltage range of 0.8 v to 10 v ? complementary or open drain output ? active low or active high reset ? pb?free packages are available typical applications ? microprocessor reset controller ? low battery detection ? power fail indicator ? battery backup detection figure 1. representative block diagrams this device contains 28 active transistors. ncp303lsnxxt1 open drain output configuration ncp302xsnxxt1 complementary output configuration v ref 2 input 1 reset output 3 gnd 5c d r d v ref 2 input 3 gnd 5c d r d 1 reset output * inverter for active low devices. * buffer for active high devices. * see detailed ordering and shipping information in the ordering information section on page 22 of this data sheet. ordering information thin sot23?5/tsop?5/sc59?5 case 483 1 5 pin connections and marking diagram 1 3 n.c. reset output 2 input ground 4 c d 5 xxxyw (top view) xxx =specific device code y = year w = work week http://onsemi.com
ncp302, ncp303 http://onsemi.com 2 maximum ratings rating symbol value unit input power supply voltage (pin 2) v in 12 v delay capacitor pin voltage (pin 5) v cd -0.3 to v in + 0.3 v output voltage (pin 1) complementary, ncp302 n?channel open drain, ncp303 v out ?0.3 to v in + 0.3 ?0.3 to 12 v output current (pin 1) (note 2) i out 70 ma thermal resistance junction-to-air r  ja 250 c/w maximum junction temperature t j +125 c operating ambient temperature range t a -40 to +85 c storage temperature range t stg -55 to +150 c moisture sensitivity level (t a = 235 c) msl 1 latchup performance positive negative i latchup 200 200 ma maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. 1. this device series contains esd protection and exceeds the following tests: human body model 2000 v per mil?std?883, method 3015. machine model method 200 v. 2. the maximum package power dissipation limit must not be exceeded. p d  t j(max)  t a r  ja
ncp302, ncp303 http://onsemi.com 3 electrical characteristics (for all values t a = 25 c, unless otherwise noted.) characteristic symbol min typ max unit ncp302/3 ? 0.9 detector threshold (pin 2, v in decreasing) v det- 0.882 0.900 0.918 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.027 0.045 0.063 v supply current (pin 2) (v in = 0.8 v) (v in = 2.9 v) i in ? ? 0.20 0.45 0.6 1.2  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = ?40 c to 85 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low `l' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 0.85v) 0.01 0.05 0.05 0.50 - - pch source current, ncp302 (v out = 2.4v, v in = 4.5v) 1.0 6.0 - reset output current (pin 1, active high `h' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 1.5 v) 1.05 2.5 - pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 0.8 v) 0.011 0.014 0.04 0.08 - - c d delay pin threshold voltage (pin 5) (v in = 0.99 v) v tcd 0.50 0.67 0.84 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 0.85 v, v cd = 0.5v) i cd 2.0 10 120 300 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3 ? 1.8 detector threshold (pin 2, v in decreasing) v det- 1.764 1.80 1.836 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.054 0.090 0.126 v supply current (pin 2) (v in = 1.7 v) (v in = 3.8 v) i in ? ? 0.23 0.48 0.7 1.3  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = ?40 c to 85 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low `l' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.05 2.0 - - pch source current, ncp302 (v out = 2.4v, v in = 4.5v) 1.0 6.0 - reset output current (pin 1, active high `h' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 - pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 - -
ncp302, ncp303 http://onsemi.com 4 electrical characteristics (continued) (for all values t a = 25 c, unless otherwise noted.) characteristic unit max typ min symbol ncp302/3 ? 1.8 c d delay pin threshold voltage (pin 5) (v in = 1.98 v) v tcd 0.99 1.34 1.68 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 120 1600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3 ? 2.0 detector threshold (pin 2, v in decreasing) v det- 1.960 2.00 2.040 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.06 0.10 0.14 v supply current (pin 2) (v in = 1.9 v) (v in = 4.0 v) i in ? ? 0.23 0.48 0.8 1.3  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = ?40 c to 85 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low `l' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.05 2.0 - - pch source current, ncp302 (v out = 2.4v, v in = 4.5v) 1.0 6.0 - reset output current (pin 1, active high `h' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 - pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 - - c d delay pin threshold voltage (pin 5) (v in = 2.2 v) v tcd 1.10 1.49 1.87 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 120 1600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3? 2.7 detector threshold (pin 2, v in decreasing) v det- 2.646 2.700 2.754 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.081 0.135 0.189 v supply current (pin 2) (v in = 2.6 v) (v in = 4.7 v) i in ? ? 0.26 0.46 0.8 1.3  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = ?40 c to 85 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low `l' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.05 2.0 - - pch source current, ncp302 (v out = 2.4v, v in = 4.5v) 1.0 6.0 -
ncp302, ncp303 http://onsemi.com 5 electrical characteristics (continued) (for all values t a = 25 c, unless otherwise noted.) characteristic unit max typ min symbol ncp302/3? 2.7 reset output current (pin 1, active high `h' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 - pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 - - c d delay pin threshold voltage (pin 5) (v in = 2.97 v) v tcd 1.49 2.01 2.53 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 120 1600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3 ? 3.0 detector threshold (pin 2, v in decreasing) v det- 2.94 3.00 3.06 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.09 0.15 0.21 v supply current (pin 2) (v in = 2.87 v) (v in = 5.0 v) i in ? ? 0.27 0.47 0.9 1.3  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = ?40 c to 85 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low `l' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.05 2.0 - - pch source current, ncp302 (v out = 2.4v, v in = 4.5v) 1.0 6.0 - reset output current (pin 1, active high `h' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 - pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 - - c d delay pin threshold voltage (pin 5) (v in = 3.3 v) v tcd 1.65 2.23 2.81 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 120 1600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3 ? 4.5 detector threshold (pin 2, v in decreasing) v det- 4.410 4.500 4.590 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.135 0.225 0.315 v supply current (pin 2) (v in = 4.34 v) (v in = 6.5 v) i in ? ? 0.33 0.52 1.0 1.4  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = ?40 c to 85 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v
ncp302, ncp303 http://onsemi.com 6 electrical characteristics (continued) (for all values t a = 25 c, unless otherwise noted.) characteristic unit max typ min symbol ncp302/3 ? 4.5 reset output current (pin 1, active low `l' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.05 2.0 - - pch source current, ncp302 (v out = 5.9v, v in = 8.0v) 1.5 10.5 - reset output current (pin 1, active high `h' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 - pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 - - c d delay pin threshold voltage (pin 5) (v in = 4.95 v) v tcd 2.25 3.04 3.83 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 120 1600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3 ? 4.7 detector threshold (pin 2, v in decreasing) v det- 4.606 4.70 4.794 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.141 0.235 0.329 v supply current (pin 2) (v in = 4.54 v) (v in = 6.7 v) i in ? ? 0.34 0.53 1.0 1.4  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = ?40 c to 85 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low `l' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.05 2.0 - - pch source current, ncp302 (v out = 5.9v, v in = 8.0v) 1.5 10.5 - reset output current (pin 1, active high `h' suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 - pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 - - c d delay pin threshold voltage (pin 5) (v in = 5.17 v) v tcd 2.59 3.49 4.40 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 120 1600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m 
ncp302, ncp303 http://onsemi.com 7 0.7 v gnd 5.0 v 2.5 v gnd v det+ + 2.0 v ncp303l ncp302l t d2 input voltage, pin 2 0.7 v gnd gnd v det+ + 2.0 v t d2 v det+ + 2.0 v v det+ + 2.0 v 2 reset output voltage, pin 1 ncp302 and ncp303 series are measured with a 10 pf capacitive load. ncp303 has an additional 470 k pullup resistor connected from the reset output to +5.0 v. the reset output voltage waveforms are shown for the active low `l' devices. output time delay t d1 and t d2 are dependent upon the delay capacitance. refer to figures 12, 13, and 14. the upper detector threshold, v det+ is the sum of the lower detector threshold, v det? plus the input hysteresis, v hys . figure 2. measurement conditions for t d1 and t d2 t d1 t d1
ncp302, ncp303 http://onsemi.com 8 table 1. electrical characteristic table for 0.9 ? 4.9 v detector threshold supply current nch sink current pch so rce ncp302 series detector threshold d etector th res h o ld hysteresis v in low v in high v in low v in high source current v det? (v) v hys (v) i in (  a) (1) i in (  a) (2) i out (ma) (3) i out (ma) (4) i out (ma) (5) part number min typ max min typ max typ typ typ typ typ ncp302lsn09t1 0.882 0.9 0.918 0.027 0.045 0.063 0.3 0.5 0.05 0.5 2.0 ncp302lsn10t1 0.980 1.0 1.020 0.030 0.050 0.070 ncp302lsn11t1 1.078 1.1 1.122 0.033 0.055 0.077 1.0 ncp302lsn12t1 1.176 1.2 1.224 0.036 0.060 0.084 ncp302lsn13t1 1.274 1.3 1.326 0.039 0.065 0.091 ncp302lsn14t1 1.372 1.4 1.428 0.042 0.070 0.098 ncp302lsn15t1 1.470 1.5 1.530 0.045 0.075 0.105 ncp302lsn16t1 1.568 1.6 1.632 0.048 0.080 0.112 2.0 ncp302lsn17t1 1.666 1.7 1.734 0.051 0.085 0.119 ncp302lsn18t1 1.764 1.8 1.836 0.054 0.090 0.126 ncp302lsn19t1 1.862 1.9 1.938 0.057 0.095 0.133 NCP302LSN20T1 1.960 2.0 2.040 0.060 0.100 0.140 ncp302lsn21t1 2.058 2.1 2.142 0.063 0.105 0.147 ncp302lsn22t1 2.156 2.2 2.244 0.066 0.110 0.154 ncp302lsn23t1 2.254 2.3 2.346 0.069 0.115 0.161 ncp302lsn24t1 2.352 2.4 2.448 0.072 0.120 0.168 ncp302lsn25t1 2.450 2.5 2.550 0.075 0.125 0.175 ncp302lsn26t1 2.548 2.6 2.652 0.078 0.130 0.182 ncp302lsn27t1 2.646 2.7 2.754 0.081 0.135 0.189 ncp302lsn28t1 2.744 2.8 2.856 0.084 0.140 0.196 ncp302lsn29t1 2.842 2.9 2.958 0.087 0.145 0.203 ncp302lsn30t1 2.940 3.0 3.060 0.090 0.150 0.210 ncp302lsn31t1 3.038 3.1 3.162 0.093 0.155 0.217 ncp302lsn32t1 3.136 3.2 3.264 0.096 0.160 0.224 ncp302lsn33t1 3.234 3.3 3.366 0.099 0.165 0.231 ncp302lsn34t1 3.332 3.4 3.468 0.102 0.170 0.238 ncp302lsn35t1 3.430 3.5 3.570 0.105 0.175 0.245 ncp302lsn36t1 3.528 3.6 3.672 0.108 0.180 0.252 ncp302lsn37t1 3.626 3.7 3.774 0.111 0.185 0.259 ncp302lsn38t1 3.724 3.8 3.876 0.114 0.190 0.266 ncp302lsn39t1 3.822 3.9 3.978 0.117 0.195 0.273 ncp302lsn40t1 3.920 4.0 4.080 0.120 0.200 0.280 0.4 0.6 3.0 ncp302lsn41t1 4.018 4.1 4.182 0.123 0.205 0.287 ncp302lsn42t1 4.116 4.2 4.284 0.126 0.210 0.294 ncp302lsn43t1 4.214 4.3 4.386 0.129 0.215 0.301 ncp302lsn44t1 4.312 4.4 4.488 0.132 0.220 0.308 ncp302lsn45t1 4.410 4.5 4.590 0.135 0.225 0.315 ncp302lsn46t1 4.508 4.6 4.692 0.138 0.230 0.322 ncp302lsn47t1 4.606 4.7 4.794 0.141 0.235 0.329 ncp302lsn48t1 4.704 4.8 4.896 0.144 0.240 0.336 ncp302lsn49t1 4.802 4.9 4.998 0.147 0.245 0.343 3. condition 1: 0.9 e 2.9 v, v in = v det? ? 0.10 v; 3.0 e 3.9 v, v in = v det? ? 0.13 v; 4.0 e 4.9 v, v in = v det? ? 0.16 v 4. condition 2: 0.9 e 4.9 v, v in = v det? + 2.0 v 5. condition 3: 0.9 e 4.9 v, v in = 0.7 v, v out = 0.05 v, active low `l' suffix devices 6. condition 4: 0.9 e 1.0 v, v in = 0.85 v, v out = 0.5 v; 1.1 e 1.5 v, v in = 1.0 v, v out = 0.5 v; 1.6 e 4.9 v, v in = 1.5 v, v out = 0.5 v, condition 4: active low `l' suffix devices 7. condition 5: 0.9 e 3.9 v, v in = 4.5 v, v out = 2.4 v; 4.0 e 4.9 v, v in = 8.0 v, v out = 5.9 v, active low `l' suffix devices
ncp302, ncp303 http://onsemi.com 9 table 2. electrical characteristic table for 0.9 ? 4.9 v detector threshold supply current nch sink pch source current ncp302 series detector threshold d etector th res h o ld hysteresis v in low v in high sink current v in low v in high v det? (v) v hys (v) i in (  a) (1) i in (  a) (2) i out (ma) (3) i out (ma) (4) i out (ma) (5) part number min typ max min typ max typ typ typ typ typ ncp302hsn09t1 0.882 0.9 0.918 0.027 0.045 0.063 0.3 0.5 2.5 0.04 0.08 ncp302hsn10t1 0.980 1.0 1.020 0.030 0.050 0.070 ncp302hsn11t1 1.078 1.1 1.122 0.033 0.055 0.077 0.18 ncp302hsn12t1 1.176 1.2 1.224 0.036 0.060 0.084 ncp302hsn13t1 1.274 1.3 1.326 0.039 0.065 0.091 ncp302hsn14t1 1.372 1.4 1.428 0.042 0.070 0.098 ncp302hsn15t1 1.470 1.5 1.530 0.045 0.075 0.105 11 ncp302hsn16t1 1.568 1.6 1.632 0.048 0.080 0.112 0.6 ncp302hsn17t1 1.666 1.7 1.734 0.051 0.085 0.119 ncp302hsn18t1 1.764 1.8 1.836 0.054 0.090 0.126 ncp302hsn19t1 1.862 1.9 1.938 0.057 0.095 0.133 ncp302hsn20t1 1.960 2.0 2.040 0.060 0.100 0.140 ncp302hsn21t1 2.058 2.1 2.142 0.063 0.105 0.147 ncp302hsn22t1 2.156 2.2 2.244 0.066 0.110 0.154 ncp302hsn23t1 2.254 2.3 2.346 0.069 0.115 0.161 ncp302hsn24t1 2.352 2.4 2.448 0.072 0.120 0.168 ncp302hsn25t1 2.450 2.5 2.550 0.075 0.125 0.175 ncp302hsn26t1 2.548 2.6 2.652 0.078 0.130 0.182 ncp302hsn27t1 2.646 2.7 2.754 0.081 0.135 0.189 ncp302hsn28t1 2.744 2.8 2.856 0.084 0.140 0.196 ncp302hsn29t1 2.842 2.9 2.958 0.087 0.145 0.203 ncp302hsn30t1 2.940 3.0 3.060 0.090 0.150 0.210 ncp302hsn31t1 3.038 3.1 3.162 0.093 0.155 0.217 ncp302hsn32t1 3.136 3.2 3.264 0.096 0.160 0.224 ncp302hsn33t1 3.234 3.3 3.366 0.099 0.165 0.231 ncp302hsn34t1 3.332 3.4 3.468 0.102 0.170 0.238 ncp302hsn35t1 3.430 3.5 3.570 0.105 0.175 0.245 ncp302hsn36t1 3.528 3.6 3.672 0.108 0.180 0.252 ncp302hsn37t1 3.626 3.7 3.774 0.111 0.185 0.259 ncp302hsn38t1 3.724 3.8 3.876 0.114 0.190 0.266 ncp302hsn39t1 3.822 3.9 3.978 0.117 0.195 0.273 ncp302hsn40t1 3.920 4.0 4.080 0.120 0.200 0.280 0.4 0.6 ncp302hsn41t1 4.018 4.1 4.182 0.123 0.205 0.287 ncp302hsn42t1 4.116 4.2 4.284 0.126 0.210 0.294 ncp302hsn43t1 4.214 4.3 4.386 0.129 0.215 0.301 ncp302hsn44t1 4.312 4.4 4.488 0.132 0.220 0.308 ncp302hsn45t1 4.410 4.5 4.590 0.135 0.225 0.315 ncp302hsn46t1 4.508 4.6 4.692 0.138 0.230 0.322 ncp302hsn47t1 4.606 4.7 4.794 0.141 0.235 0.329 ncp302hsn48t1 4.704 4.8 4.896 0.144 0.240 0.336 ncp302hsn49t1 4.802 4.9 4.998 0.147 0.245 0.343 8. condition 1: 0.9 e 2.9 v, v in = v det? ? 0.10 v; 3.0 e 3.9 v, v in = v det? ? 0.13 v; 4.0 e 4.9 v, v in = v det? ? 0.16 v 9. condition 2: 0.9 e 4.9 v, v in = v det? + 2.0 v 10. condition 3: 0.9 e 1.4 v, v in = 1.5 v, v out = 0.5 v; 1.5 e 4.9 v, v in = 5.0 v, v out = 0.5 v, active high `h' suffix devices 11. condition 4: 0.9 e 4.9 v, v in = 0.7 v, v out = 0.4 v, active high `h' suffix devices 12. condition 5: 0.9 e 1.0 v, v in = 0.8 v, v out = gnd; 1.1 e 1.5 v, v in = 1.0 v, v out = gnd; 1.6 e 4.9 v, v in = 1.5 v, v out = gnd, active high `h' suffix devices
ncp302, ncp303 http://onsemi.com 10 table 3. electrical characteristic table for 0.9 ? 4.9 v detector threshold supply current nch sink current ncp303 series detector threshold detector threshold hysteresis v in low v in high v in low v in high v det? (v) v hys (v) i in (  a) (1) i in (  a) (2) i out (ma) (3) i out (ma) (4) part number min typ max min typ max typ typ typ typ ncp303lsn09t1 0.882 0.9 0.918 0.027 0.045 0.063 0.3 0.5 0.05 0.5 ncp303lsn10t1 0.980 1.0 1.020 0.030 0.050 0.070 ncp303lsn11t1 1.078 1.1 1.122 0.033 0.055 0.077 1.0 ncp303lsn12t1 1.176 1.2 1.224 0.036 0.060 0.084 ncp303lsn13t1 1.274 1.3 1.326 0.039 0.065 0.091 ncp303lsn14t1 1.372 1.4 1.428 0.042 0.070 0.098 ncp303lsn15t1 1.470 1.5 1.530 0.045 0.075 0.105 ncp303lsn16t1 1.568 1.6 1.632 0.048 0.080 0.112 2.0 ncp303lsn17t1 1.666 1.7 1.734 0.051 0.085 0.119 ncp303lsn18t1 1.764 1.8 1.836 0.054 0.090 0.126 ncp303lsn19t1 1.862 1.9 1.938 0.057 0.095 0.133 ncp303lsn20t1 1.960 2.0 2.040 0.060 0.100 0.140 ncp303lsn21t1 2.058 2.1 2.142 0.063 0.105 0.147 ncp303lsn22t1 2.156 2.2 2.244 0.066 0.110 0.154 ncp303lsn23t1 2.254 2.3 2.346 0.069 0.115 0.161 ncp303lsn24t1 2.352 2.4 2.448 0.072 0.120 0.168 ncp303lsn25t1 2.450 2.5 2.550 0.075 0.125 0.175 ncp303lsn26t1 2.548 2.6 2.652 0.078 0.130 0.182 ncp303lsn27t1 2.646 2.7 2.754 0.081 0.135 0.189 ncp303lsn28t1 2.744 2.8 2.856 0.084 0.140 0.196 ncp303lsn29t1 2.842 2.9 2.958 0.087 0.145 0.203 ncp303lsn30t1 2.940 3.0 3.060 0.090 0.150 0.210 ncp303lsn31t1 3.038 3.1 3.162 0.093 0.155 0.217 ncp303lsn32t1 3.136 3.2 3.264 0.096 0.160 0.224 ncp303lsn33t1 3.234 3.3 3.366 0.099 0.165 0.231 ncp303lsn34t1 3.332 3.4 3.468 0.102 0.170 0.238 ncp303lsn35t1 3.430 3.5 3.570 0.105 0.175 0.245 ncp303lsn36t1 3.528 3.6 3.672 0.108 0.180 0.252 ncp303lsn37t1 3.626 3.7 3.774 0.111 0.185 0.259 ncp303lsn38t1 3.724 3.8 3.876 0.114 0.190 0.266 ncp303lsn39t1 3.822 3.9 3.978 0.117 0.195 0.273 ncp303lsn40t1 3.920 4.0 4.080 0.120 0.200 0.280 0.4 0.6 ncp303lsn41t1 4.018 4.1 4.182 0.123 0.205 0.287 ncp303lsn42t1 4.116 4.2 4.284 0.126 0.210 0.294 ncp303lsn43t1 4.214 4.3 4.386 0.129 0.215 0.301 ncp303lsn44t1 4.312 4.4 4.488 0.132 0.220 0.308 ncp303lsn45t1 4.410 4.5 4.590 0.135 0.225 0.315 ncp303lsn46t1 4.508 4.6 4.692 0.138 0.230 0.322 ncp303lsn47t1 4.606 4.7 4.794 0.141 0.235 0.329 ncp303lsn48t1 4.704 4.8 4.896 0.144 0.240 0.336 ncp303lsn49t1 4.802 4.9 4.998 0.147 0.245 0.343 13. condition 1: 0.9 e 2.9 v, v in = v det? ? 0.10 v; 3.0 e 3.9 v, v in = v det? ? 0.13 v; 4.0 e 4.9 v, v in = v det? ? 0.16 v 14. condition 2: 0.9 e 4.9 v, v in = v det? + 2.0 v 15. condition 3: 0.9 e 4.9 v, v in = 0.7 v, v out = 0.05 v, active low `l' suffix devices 16. condition 4: 0.9 e 1.0 v, v in = 0.85 v, v out = 0.5 v; 1.1 e 1.5 v, v in = 1.0 v, v out = 0.5 v; 1.6 e 4.9 v, v in = 1.5 v, v out = 0.5 v, condition 4: active low `l' suffix devices
ncp302, ncp303 http://onsemi.com 11 v det , detector threshold voltage (v) ?50 4.9 t a , ambient temperature ( c) 4.8 4.7 4.6 4.4 ?25 0 25 50 75 100 4.5 4.3 3.00 ?50 0.98 t a , ambient temperature ( c) 2.90 0.96 2.80 0.94 2.70 0.92 2.60 0.88 ?25 0 25 50 75 100 0.90 0.86 ?50 ?25 0 25 50 75 100 t a , ambient temperature ( c) 2.65 2.75 2.85 2.95 v det+ ?50 0.9 0.8 0.7 0.6 0.4 ?25 0 25 50 75 100 0.5 0.3 t a , ambient temperature ( c) ?50 2.3 2.2 2.1 1.9 ?25 0 25 50 75 100 2.0 1.8 t a , ambient temperature ( c) ?50 3.3 3.2 3.1 3.0 2.8 ?25 0 25 50 75 100 2.9 2.7 t a , ambient temperature ( c) figure 3. ncp302/3 series 0.9 v detector threshold voltage vs. temperature figure 4. ncp302/3 series 2.7 v detector threshold voltage vs. temperature figure 5. ncp302/3 series 4.5 v detector threshold voltage vs. temperature figure 6. ncp302/3 series 0.9 v c d delay pin threshold voltage vs. temperature figure 7. ncp302/3 series 2.7 v c d delay pin threshold voltage vs. temperature figure 8. ncp302/3 series 4.5 v c d delay pin threshold voltage vs. temperature v det , detector threshold voltage (v) v tcd , c d pin threshold voltage (v) v det , detector threshold voltage (v) v tcd , c d pin threshold voltage (v) v tcd , c d pin threshold voltage (v) v det+ v det? v det? v det+ v det? v in = 0.99 v v in = 2.97 v v in = 4.95 v
ncp302, ncp303 http://onsemi.com 12 , t d2 , output time delay 0 18 14 10 6.0 2.0 0.5 1.0 1.5 2.0 2.5 3.0 4.0 0 8.0 0 v cd , delay pin voltage (v) 6.0 4.0 2.0 0 0.2 0.4 0.6 0.8 1.0 1.0 3.0 5.0 7.0 0 0.5 1.0 1.5 2.0 2.5 v cd , delay pin voltage (v) 3.5 4.0 16 8.0 12 v cd , delay pin voltage (v) 10000 1000 100 10 0.1 1.0 0.0001 0.001 0.01 0.1 1.0 c d , delay pin capacitance (  f) 10000 1000 100 10 0.1 1.0 0.0001 0.001 0.01 0.1 1.0 c d , delay pin capacitance (  f) 0.0001 0.001 0.01 0.1 1.0 10000 1000 100 10 0.1 1.0 c d , delay pin capacitance (  f) figure 9. ncp302/3 series 0.9 v c d delay pin sink current vs. voltage 0.6 0.3 0.2 0 0.1 0.4 0.5 figure 10. ncp302/3 series 2.7 v c d delay pin sink current vs. voltage figure 11. ncp302/3 series 4.5 v c d delay pin sink current vs. voltage figure 12. ncp302/3 series 0.9 v output time delay vs. capacitance figure 13. ncp302/3 series 2.7 v output time delay vs. capacitance figure 14. ncp302/3 series 4.5 v output time delay vs. capacitance t a = 25 c t a = 25 c t a = 25 c t a = 25 c t d1 t d2 (ms) t d1 (  s) t a = 25 c t d2 (ms) t d1 (  s) , t d2 , output time delay t d1 , t d2 , output time delay t d1 t a = 25 c t d2 (ms) t d1 (  s) i cd , c d delay pin sink current (ma) v in = 0.85 v v in = 0.7 v v in = 2.5 v v in = 2.0 v v in = 1.5 v i cd , c d delay pin sink current (ma) v in = 4.0 v v in = 3.5 v v in = 3.0 v v in = 2.5 v i cd , c d delay pin sink current (ma)
ncp302, ncp303 http://onsemi.com 13 i out , output sink current (ma) v in , input voltage (v) 0 0.2 0.4 0.6 0.8 1.0 0.8 0.6 0.4 0.2 0 1.0 0 1.0 1.5 2.0 2.5 3.0 2.0 1.5 1.0 0.5 0 3.0 v in , input voltage (v) 0.5 2.5 0 1.0 2.0 3.0 4.0 5.0 4.0 3.0 2.0 1.0 0 5.0 6.0 7.0 6.0 v in , input voltage (v) figure 15. ncp302l/3l series 0.9 v reset output voltage vs. input voltage figure 16. ncp302l/3l series 2.7 v reset output voltage vs. input voltage figure 17. ncp302l/3l series 4.5 v reset output voltage vs. input voltage 16 0 v out , output voltage (v) 12 8.0 4.0 0 0.2 0.4 0.6 0.8 1.0 2.0 6.0 10 14 0 0.5 1.0 1.5 2.0 2.5 v out , output voltage (v) 1.2 0.6 0.4 0 0.2 0.8 1.0 0 35 25 15 5.0 0.5 1.0 1.5 2.0 2.5 3.0 10 0 3.5 4.0 20 30 v out , output voltage (v) figure 18. ncp302h/3l series 0.9 v reset output sink current vs. output voltage figure 19. ncp302h/3l series 2.7 v reset output sink current vs. output voltage figure 20. ncp302h/3l series 4.5 v reset output sink current vs. output voltage v in = 0.85 v t a = 25 c t a = 25 c t a = 25 c v in = 0.7 v v in = 4.0 v v in = 3.5 v v in = 3.0 v v in = 2.5 v v in = 2.0 v v in = 1.5 v v in = 2.5 v v in = 2.0 v v in = 1.5 v i out , output sink current (ma) i out , output sink current (ma) v out , output voltage (v) v out , output voltage (v) v out , output voltage (v) t a = ?30 c (303l only) t a = 25 c (303l only) t a = 85 c (303l only) t a = ?30 c (303l only) t a = 25 c (303l only) t a = 85 c (303l only) t a = ?30 c (303l only) t a = 25 c (303l only) t a = 85 c (303l only)
ncp302, ncp303 http://onsemi.com 14 figure 21. ncp302/3 series 0.9 v input current vs. input voltage figure 22. ncp302/3 series 2.7 v input current vs. input voltage figure 23. ncp302/3 series 4.5 v input current vs. input voltage figure 24. ncp302/3 series 0.9 v reset output time delay vs. temperature figure 25. ncp302/3 series 2.7 v reset output time delay vs. temperature figure 26. ncp302/3 series 4.5 v reset output time delay vs. temperature ?50 t a , ambient temperature ( c) 300 250 200 200 100 150 0 50 ?25 0 25 50 75 100 100 0 ?50 ?25 0 25 50 75 100 t a , ambient temperature ( c) 50 150 250 350 ?50 t a , ambient temperature ( c) 250 200 150 50 ?25 0 25 50 75 100 100 0 c d = 0.1  f c d = 0.1  f c d = 0.1  f t d2 , output time delay (ms) t d2 , output time delay (ms) t d2 , output time delay (ms) i in , input current (  a) v in , input voltage (v) t a = 25 c i in , input current (  a) t a = 25 c 0 2.0 6.0 8.0 10 2.0 1.5 1.0 0.5 0 v in , input voltage (v) 4.0 2.5 5.5 i in , input current (  a) t a = 25 c 0 2.0 6.0 8.0 2.0 1.5 1.0 0.5 0 v in , input voltage (v) 4.0 2.5 10 11.8 0 0.2 0.4 0.6 0.8 1.0 1.2 0 2.0 4.0 6.0 8.0 10
ncp302, ncp303 http://onsemi.com 15 i cd , c d delay pin sink current (ma) i cd , c d delay pin sink current (ma) t a = 25 c t a = 25 c t a = 25 c figure 27. ncp302h/3l series 0.9 v reset output sink current vs. input voltage figure 28. ncp302h/3l series 2.7 v reset output sink current vs. input voltage figure 29. ncp302h/3l series 4.5 v reset output sink current vs. input voltage v in , input voltage (v) v in , input voltage (v) v in , input voltage (v) figure 30. ncp302/3 series 0.9 v c d delay pin sink current vs. input voltage figure 31. ncp302/3 series 2.7 v c d delay pin sink current vs. input voltage figure 32. ncp302/3 series 4.5 v c d delay pin sink current vs. input voltage 0.6 0.4 0.2 0 0.1 0.3 0.5 0.7 0 0.2 0.4 0.6 0.8 1.0 0 5.0 3.0 1.0 0.5 1.0 1.5 2.0 2.5 3.0 2.0 0 4.0 0 1.0 2.0 3.0 4.0 5.0 6.0 3.0 2.0 0 1.0 4.0 5.0 t a = ?30 c t a = 85 c t a = ?30 c t a = 85 c t a = ?30 c t a = 85 c i cd , c d delay pin sink current (ma) i out , output sink current (ma) i out , output sink current (ma) v in , input voltage (v) 1.2 0.8 0.4 0 0.2 0.6 1.0 1.6 0 0.2 0.4 0.6 0.8 1.0 v in , input voltage (v) 0 9.0 5.0 3.0 1.0 0.5 1.0 1.5 2.0 2.5 3.0 2.0 0 4.0 8.0 t a = 25 c t a = ?30 c t a = 85 c t a = 25 c t a = ?30 c t a = 85 c 1.4 v out = 0.5 v v out = 0.5 v 7.0 6.0 i out , output sink current (ma) v in , input voltage (v) 0 1.0 2.0 3.0 4.0 5.0 14 6.0 4.0 0 2.0 8.0 10 t a = 25 c t a = ?30 c t a = 85 c v out = 0.5 v 12 v cd = 0.5 v v cd = 0.5 v v cd = 0.5 v
ncp302, ncp303 http://onsemi.com 16 i out , output source current (ma) figure 33. ncp302l series 0.9 v reset output source current vs. input voltage 10 8.0 2.0 0 0 2.0 4.0 6.0 8.0 10 v in , input voltage (v) 4.0 6.0 12 figure 34. ncp302l series 2.7 v reset output source current vs. input voltage 10 8.0 0 0 2.0 4.0 6.0 8.0 10 v in , input voltage (v) 2.0 4.0 6.0 12 figure 35. ncp302l series 4.5 v reset output source current vs. input voltage figure 36. ncp302/3 series delay resistance vs. temperature 1.6 1.2 0.8 0.4 0 ?50 ?25 0 25 50 75 100 t a , ambient temperature ( c) v out = v in ?2.1 v v in ?1.5 v v out = v in ?2.1 v 10 8.0 0 0 2.0 4.0 6.0 8.0 10 v in , input voltage (v) 2.0 4.0 6.0 12 v in ?1.0 v v in ?0.5 v v in ?1.5 v v in ?1.0 v v in ?0.5 v v out = v in ?2.1 v v in ?1.5 v v in ?1.0 v v in ?0.5 v t a = 25 c t a = 25 c t a = 25 c r d , delay resistance (m  )i out , output source current (ma) i out , output source current (ma) 2.0
ncp302, ncp303 http://onsemi.com 17 operating description the ncp302 and ncp303 series devices consist of a precision voltage detector that drives a time delay generator. figures 37 and 38 show a timing diagram and a typical application. initially consider that input voltage v in is at a nominal level and it is greater than the voltage detector upper threshold (v det+ ). the voltage at pin 5 and capacitor c d will be at the same level as v in , and the reset output (pin 1) will be in the high state for active low devices, or in the low state for active high devices. if there is a power interruption and v in becomes significantly deficient, it will fall below the lower detector threshold (v det? ) and the external time delay capacitor c d will be immediately discharged by an internal n?channel mosfet that connects to pin 5. this sequence of events causes the reset output to be in the low state for active low devices, or in the high state for active high devices. after completion of the power interruption, v in will again return to its nominal level and become greater than the v det+ . the voltage detector will turn off the n?channel mosfet and allow pullup resistor r d to charge external capacitor c d , thus creating a programmable delay for releasing the reset signal. when the voltage at pin 5 exceeds the inverter/buffer threshold, typically 0.675 v in , the reset output will revert back to its original state. the reset output time delay versus capacitance is shown in figures 12 through 14. the voltage detector and inverter/buffer have built?in hysteresis to prevent erratic reset operation. although these device series are specifically designed for use as reset controllers in portable microprocessor based systems, they offer a cost?effective solution in numerous applications where precise voltage monitoring and time delay are required. figures 38 through 45 show various application examples. figure 37. timing waveforms t d2 v in v det + v det? input voltage, pin 2 capacitor, pin 5 v in 0 v reset output (active low), pin 1 v in reset output (active high), pin 1 v in 0 v 0.675 v in v det? v det?
ncp302, ncp303 http://onsemi.com 18 application circuit information figure 38. microprocessor reset circuit 2 input 1 reset output gn d 5 c d ncp302 lsn27t1 figure 39. battery charge indicator 2 input 1 reset output gn d gnd v dd reset v dd 5 c d c d ncp302 series 3 3 microprocessor * required for ncp303 v in < 2.7 on v in > 2.835 on to additional circuitry 2 input 1 reset output gn d 5 c d ncp303 lsn45t1 figure 40. missing pulse detector or frequency detector 3 v supply to additional circuitry c d * reset output c d input  0.675*v in missing pulse t d2 470 k 0.001  f 2.85 v 2.70 v 0 v 5.0 v 1.0 v 0 v v in
ncp302, ncp303 http://onsemi.com 19 figure 41. microprocessor reset circuit with additional hysteresis 2 1 ncp301 lsn27t1 3 v dd gn d reset output input r h r l ncp301 lsn27t1 gn d ncp303 lsn27t1 gn d gn d reset v dd microprocessor 5 c d comparator hysteresis can be increased with the addition of resistor r h . the hysteresis equations have been simplified and do not account for the change of input current i in as v in crosses the comparator threshold. the internal resistance, r in is simply calculated using i in = 0.26  a at 2.6 v. v in decreasing: v th   r h r in  1  v det  v in increasing: v th   r h r in  r l  1  v det   v hys v hys = v in increasing ? v in decreasing test data v th decreasing (v) v th increasing (v) v hys (v) r h (  ) r l (k  ) 2.70 2.70 2.70 2.70 2.70 2.70 2.70 2.70 2.70 2.70 2.84 2.87 2.88 2.91 2.90 2.94 2.98 2.70 3.04 3.15 0.135 0.17 0.19 0.21 0.20 0.24 0.28 0.27 0.34 0.35 0 100 100 100 220 220 220 470 470 470 - 10 6.8 4.3 10 6.8 4.3 10 6.8 4.3 figure 42. simple clock oscillator ncp301 lsn27t1 gn d reset output input 82 k ncp301 lsn27t1 gn d ncp302 hsn27t1 gn d c 5.0 v 100 k c (  f) f osc (khz) i q (  a) 0.01 2590 21.77 0.1 490 21.97 1.0 52 22.07 test data 5 c d 2 3 1
ncp302, ncp303 http://onsemi.com 20 figure 43. microcontroller systems load sensing ncp301 lsn27t1 50 k ncp301 lsn27t1 ncp303 lsn09t1 v supply load r sense input 2 3 gnd 1 reset output microcontroller gnd v dd if: i load  v det ? /r sense i load  (v det ? +v hys )/r sense then: reset output = 0 v reset output = v dd this circuit monitors the current at the load. as current flows through the load, a voltage drop with respect to ground appears across r sense where v sense = i load * r sense. the following conditions apply: 5 c d figure 44. led bar graph voltage monitor ncp301 lsn27t1 2 ncp301 lsn27t1 ncp303 lsn45t1 3 1 v supply ncp301 lsn27t1 2 ncp301 lsn27t1 ncp303 lsn27t1 3 1 ncp301 lsn27t1 2 ncp301 lsn27t1 ncp303 lsn18t1 3 1 input gnd reset output input gnd reset output input gnd reset output v in = 1.0 v to 10 v a simple voltage monitor can be constructed by connecting several voltage detectors as shown above. each led will sequentially turn on when the respective voltage detector threshold (v det? +v hys ) is exceeded. note that detector thresholds (v det? ) that range from 0.9 v to 4.9 v in 100 mv steps can be manufactured. 5 c d 5 c d 5 c d
ncp302, ncp303 http://onsemi.com 21 2 input 1 reset output gn d 5 c d ncp303 lsn18t1 3 reset output to mcu or logic circuitry power supply 1 power supply 2 power supply 3 2 input 1 gn d ncp300 lsn45t1 3 gn d 3 2 input 1 gn d ncp300 lsn33t1 3 gn d 3 for monitoring power supplies with a time delay reset, only a single ncp303 with delay capacitor is required. figure 45. multiple power supply undervoltage supervision with time delay reset reset output reset output
ncp302, ncp303 http://onsemi.com 22 ordering information device threshold voltage output type reset marking package shipping 2 ncp302lsn09t1 0.9 sbo tsop?5 ncp302lsn09t1g 0.9 sbo tsop?5 (pb?free) ncp302lsn15t1 1.5 sbi tsop?5 ncp302lsn18t1 1.8 sbf tsop?5 NCP302LSN20T1 2.0 sbd tsop?5 ncp302lsn27t1 2.7 saw tsop?5 ncp302lsn27t1g 2.7 saw tsop?5 (pb?free) ncp302lsn30t1 3.0 sat tsop?5 ncp302lsn30t1g 3.0 cmos active sat tsop?5 (pb?free) ncp302lsn33t1 3.3 cmos active low saq tsop?5 ncp302lsn33t1g 3.3 saq tsop?5 (pb?free) ncp302lsn38t1 3.8 sak tsop?5 (pb?free) ncp302lsn38t1g 3.8 sak tsop?5 ncp302lsn40t1 4.0 sai tsop?5 ncp302lsn43t1 4.3 saf tsop?5 3000 / tape & reel (7 inch reel) ncp302lsn45t1 4.5 sal tsop?5 (7 i nc h r ee l) ncp302lsn45t1g 4.5 sal tsop?5 (pb?free) ncp302lsn47t1 4.7 sac tsop?5 ncp302hsn09t1 0.9 sdo tsop?5 ncp302hsn18t1 1.8 sfh tsop?5 ncp302hsn27t1 2.7 sdk tsop?5 ncp302hsn30t1 3.0 cmos active hi h sdi tsop?5 ncp302hsn40t1 4.0 cmos ce high sjh tsop?5 ncp302hsn45t1 4.5 sdg tsop?5 ncp302hsn45t1g 4.5 sdg tsop?5 (pb?free) ncp303lsn09t1 0.9 sde tsop?5 ncp303lsn09t1g 0.9 sde tsop?5 (pb?free) ncp303lsn10t1 1.0 open drain active low sdd tsop?5 ncp303lsn10t1g 1.0 drain low sdd tsop?5 (pb?free) ncp303lsn11t1 1.1 sdc tsop?5 note: the ordering information lists standard undervoltage thresholds with active low outputs. additional active low threshold device s, ranging from 0.9 v to 4.9 v in 100 mv increments and ncp302 active high output devices, ranging from 0.9 v to 4.9 v in 100 mv increment s can be manufactured. contact your on semiconductor representative for availability. the electrical characteristics of these additional devices are shown in tables 1 and 2. 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
ncp302, ncp303 http://onsemi.com 23 ordering information device threshold voltage output type reset marking package shipping 2 ncp303lsn13t1 1.3 sda tsop?5 ncp303lsn14t1 1.4 scz tsop?5 ncp303lsn15t1 1.5 scy tsop?5 ncp303lsn15t1g 1.5 scy tsop?5 (pb?free) ncp303lsn16t1 1.6 scx tsop?5 ncp303lsn18t1 1.8 scv tsop?5 ncp303lsn20t1 2.0 sct tsop?5 ncp303lsn20t1g 2.0 sct tsop?5 (pb?free) ncp303lsn22t1 2.2 scr tsop?5 ncp303lsn23t1 2.3 scq tsop?5 ncp303lsn24t1 2.4 scp tsop?5 ncp303lsn25t1 2.5 sco tsop?5 ncp303lsn25t1g 2.5 sco tsop?5 (pb?free) ncp303lsn26t1 2.6 scn tsop?5 ncp303lsn26t1g 2.6 open drain active low scn tsop?5 (pb?free) 3000 / tape & reel ( 7 inch reel ) ncp303lsn27t1 2.7 drain low scm tsop?5 (7 inch reel) ncp303lsn27t1g 2.7 scm tsop?5 (pb?free) ncp303lsn28t1 2.8 scl tsop?5 ncp303lsn28t1g 2.8 scl tsop?5 (pb?free) ncp303lsn29t1 2.9 sck tsop?5 ncp303lsn29t1g 2.9 sck tsop?5 (pb?free) ncp303lsn30t1 3.0 scj tsop?5 ncp303lsn30t1g 3.0 scj tsop?5 (pb?free) ncp303lsn31t1 3.1 sci tsop?5 ncp303lsn32t1 3.2 sch tsop?5 ncp303lsn33t1 3.3 scg tsop?5 ncp303lsn34t1 3.4 scf tsop?5 ncp303lsn36t1 3.6 scd tsop?5 ncp303lsn38t1 3.8 sca tsop?5 note: the ordering information lists standard undervoltage thresholds with active low outputs. additional active low threshold device s, ranging from 0.9 v to 4.9 v in 100 mv increments and ncp302 active high output devices, ranging from 0.9 v to 4.9 v in 100 mv increment s can be manufactured. contact your on semiconductor representative for availability. the electrical characteristics of these additional devices are shown in tables 1 and 2. 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
ncp302, ncp303 http://onsemi.com 24 ordering information device threshold voltage output type reset marking package shipping 2 ncp303lsn40t1 4.0 sby tsop?5 ncp303lsn42t1 4.2 sbw tsop?5 ncp303lsn42t1g 4.2 sbw tsop?5 (pb?free) ncp303lsn44t1 4.4 sbu tsop?5 ncp303lsn44t1g 4.4 open active sbu tsop?5 (pb?free) 3000 / tape & reel ncp303lsn45t1 4.5 oen drain active low sbt tsop?5 3000 / ta e & reel (7 inch reel) ncp303lsn45t1g 4.5 sbt tsop?5 (pb?free) ncp303lsn46t1 4.6 sbs tsop?5 ncp303lsn46t1g 4.6 sbs tsop?5 (pb?free) ncp303lsn47t1 4.7 sbr tsop?5 note: the ordering information lists standard undervoltage thresholds with active low outputs. additional active low threshold device s, ranging from 0.9 v to 4.9 v in 100 mv increments and ncp302 active high output devices, ranging from 0.9 v to 4.9 v in 100 mv increment s can be manufactured. contact your on semiconductor representative for availability. the electrical characteristics of these additional devices are shown in tables 1 and 2. 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
ncp302, ncp303 http://onsemi.com 25 package dimensions 0.7 0.028 1.0 0.039  mm inches scale 10:1 0.95 0.037 2.4 0.094 1.9 0.074 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. a and b dimensions do not include mold flash, protrusions, or gate burrs. dim min max min max inches millimeters a 2.90 3.10 0.1142 0.1220 b 1.30 1.70 0.0512 0.0669 c 0.90 1.10 0.0354 0.0433 d 0.25 0.50 0.0098 0.0197 g 0.85 1.05 0.0335 0.0413 h 0.013 0.100 0.0005 0.0040 j 0.10 0.26 0.0040 0.0102 k 0.20 0.60 0.0079 0.0236 l 1.25 1.55 0.0493 0.0610 m 0 10 0 10 s 2.50 3.00 0.0985 0.1181 0.05 (0.002) 123 54 s a g l b d h c k m j __ _ _ thin sot?23?5/tsop?5/sc59?5 case 483?02 issue c
ncp302, ncp303 http://onsemi.com 26 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 ncp302/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of NCP302LSN20T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X